|
AI3D5 - 8 MINI MAP,PB/HALO FREE,NIPDAU LF,1.8V(SERIAL EE) 8 ULTRA THIN MINI MAP,PB/HALO FREE,1.8V(SERIAL EE) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 1; Comments: High-rugged type; V_CES (V): (max 1200) Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: standard; Internal Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: low VF; Internal 10MS, 8 EIAJ, IND TEMP, GREEN, 1.8V(SERIAL EE) Stepping Motor Driver ICs; Function: Driver; Vopmax (Vm*): 34V (40V); Io (lpeak): 1.5A (1.8A); Excitation: 1/16 step; I/F: CLK input; Mixed Decay Mode: included; Package: HSOP36; RoHS Compatible: yes 250NS,32LCC,883C; LEV B FULLY COMPLIANT(EEPROM) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(N); Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; No Of Circuits: New product; Comments: 2.9; V_CES (V): (max 400) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min -0.6) (max -1.1); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 0.5) (max 1.2); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 1.1) (max 1.8); R DS Dual/Quad Zero-Drift Operational Amplifiers; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C 10MS, DIE, 1.8V, 11 MILS THICKNESS(SERIAL EE) General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High current; Part Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: high breakdown Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: low VF; Internal General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: Low-noise; Part General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High voltage SW; Part Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min 0.6) (max 1.1); R DS On (Ω): 5.2 (max 15); Drain-Source Voltage (V): (max 20); Drain Current (mA): (max 100) 10MS, 8 TSSOP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 TSSOP, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) DIE/WAFER FORM(EEPROM) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: ES6; Number of Pins: 6; V th (V): (min 0.5) (max 1.1); R DS On (Ω): 0.140 (max 0.180) 0.120 (max 0.145); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 500) High-Frequency Schottky Barrier Diodes; Surface Mount Type: Y; Package: VESM; Number Of Pins: 3; Application Scope: VHF, UHF MIX; V F (V): 0.25; C T (pF): 0.6; V R (V): (max 4); Average Forward Current I_F Max (mA): (max 25) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min -0.6) (max -1.1); R DS On (Ω): 18 (max 45); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -100) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: UF6; Number of Pins: 6; V th (V): (min 0.8) (max 2); R DS On (Ω): 0.33 (max 0.44) 0.23 (max 0.3); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 2000) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 20 (max 40); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min 2) (max 3.5); R DS On (Ω): 0.6 (max 1); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 200) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 2.4 (max 4); Drain-Source Voltage (V): (max -30); Drain Current (mA): (max -200) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -2) (max -3.5); R DS On (Ω): 1.3 (max 2); Drain-Source Voltage (V): (max -60); Drain Current (mA): (max -200) 10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) Logic IC 逻辑IC Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 2; Comments: Non isolation package; V_CES (V): (max 900) 逻辑IC 90NS, VSOP, IND TEMP(EPROM) 逻辑IC Dual -48V Supply and Fuse Monitor; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 逻辑IC 45NS, SOIC, IND TEMP(EPROM) 逻辑IC Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min 0.8) (max 1.5); R DS On (Ω): 4 (max 7); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 100) 逻辑IC |
|
|
|
Related Part Number | ||||||||||||||||||||||||||||||
|
||||||||||||||||||||||||||||||
Related keyword From Full Text Search System | ||||||||||||||||||||||||||||||
|
||||||||||||||||||||||||||||||